PART |
Description |
Maker |
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
GPR25L0805E-HS13X |
8M-bit [x 1/x 2/x 4] CMOS Serial Flash
|
Generalplus Technology ...
|
MX25L2005MI-12G MX25L2005 MX25L2005MC-12G MX25L200 |
2M-BIT [x 1] CMOS SERIAL FLASH
|
Macronix International
|
MX25V8005 MX25V8005MI-20G MX25V8005ZNI-20G |
8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
|
Macronix International
|
MX25L4006EZNI12G MX25L4006EM1I12G MX25L4006EM2I12G |
4M-BIT [x 1/x 2] CMOS SERIAL FLASH
|
Macronix International
|
MX25L2026C MX25L2026CMI12G |
2M-BIT [x 1] CMOS SERIAL FLASH
|
Macronix International
|
MX25L3206EZUI-12G MX25L3206EM2 |
32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
|
Macronix International
|